Part Number Hot Search : 
IRFP4 99432 05D270K PHB7N60E ECWF2565 MMC353A PL002 VN0545ND
Product Description
Full Text Search
 

To Download X0405MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thyristors
INCHANGE
X0405MF
Features
With TO-202(3) package 1cathode 2 anode 3 gate Highly sensitive triggering levels For capacitive discharge ignitions,motor control In kitchen aids ,etc, applications
KAG
QUICK REFERENCE DATA
SYMBOL VDRM VRRM IT(AV) IT(RMS) ITSM PARAMETER Repetitive peak off-state voltage Repetitive peak reverse voltage Average on-state current RMS on-state current MIN 600 600 2.5 4.0 30 UNIT V V A A
ELECTRICAL CHARACTERISTICS (TJ=25ae
SYMBOL
LIMITING VALUES
Non-repetitive peak on-state current

PARAMETER
VDRM VRRM IDRM IRRM IGT VT VGT
CHA IN
E SEM NG
,unless otherwise specified)
CONDITIONS MIN MAX UNIT
OND IC
A
TOR C TO-202(3) U
600 600 5 1 50 1.8 0.8 V V uA mA uA V V
Repetitive peak off-state voltage Repetitive peak reverse voltage Repetitive peak off-state current Repetitive peak reverse current Gate trigger current On-state voltage Gate trigger voltage
ID=0.1mA ID=0.5mA VRRM= VDRM RGK=1 k| VD=12V; IT=0.1A IT=8A VD=12V ; IT=0.1A


▲Up To Search▲   

 
Price & Availability of X0405MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X